Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7291AS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA7291AS
Description  Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291AS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA7291AS Datasheet HTML 1Page - Toshiba Semiconductor TA7291AS Datasheet HTML 2Page - Toshiba Semiconductor TA7291AS Datasheet HTML 3Page - Toshiba Semiconductor TA7291AS Datasheet HTML 4Page - Toshiba Semiconductor TA7291AS Datasheet HTML 5Page - Toshiba Semiconductor TA7291AS Datasheet HTML 6Page - Toshiba Semiconductor TA7291AS Datasheet HTML 7Page - Toshiba Semiconductor TA7291AS Datasheet HTML 8Page - Toshiba Semiconductor TA7291AS Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA7291AP/AS(J)/AF
2003-02-14
3
Function
Input
Output
IN1
IN2
OUT1
OUT2
Mode
0
0
∞
∞
Stop
1
0
H
L
CW/CCW
0
1
L
H
CCW/CW
1
1
L
L
Brake
∞
:
High impedance
Note: Inputs are all active high.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
VCC
30
Supply voltage
VCC (opr.)
27
V
VS
30
Motor drive voltage
VS (opr.)
27
V
Vref
30
Reference voltage
Vref (opr.)
27
V
AP type
2.0
Peak
AS (J)/AF type
IO (peak)
1.2
A
P type
1.0
Output
current
Typ.
A
S(J)/AF type
IO (typ.)
0.4
A
AP type
12.5
(Note 1)
AS (J) type
0.95
(Note 2)
Power dissipation
AF type
PD
1.4
(Note 3)
W
Operating temperature
Topr
−30 to 75
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: Tc
= 25°C
Note 2: No heat sink
Note 3: When mounted on a PCB (PCB area: 60 mm
´ 30 mm ´ 1.6 mm, Cu area: 50% or more)
Wide range of operating voltage: VCC (opr.) = 4.5 V to 27 V
VS (opr.) = 4.5 V to 27 V
Vref (opr.) = 4.5 V to 27 V
Vref ≤ VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com