Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q136B Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q136B
Description  16-bit micro controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q136B Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q136B Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FEDL620Q130B-01
ML620Q131B/2B/3B/4B/5B/6B
21/34
DC Characteristics (Voltage Level Supervisor)
(VDD=1.6 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Meas
uring
circuit
Voltage Level
Supervisor 0
(VLS0)
threshold voltage
VVLS0
VLS03 to 0 = 00H
Rise
1.64
1.67
1.70
V
1
Fall
1.60
1.63
1.66
VLS03 to 0 = 01H
Rise
1.74
1.77
1.81
Fall
1.70
1.73
1.77
VLS03 to 0 = 02H
Rise
1.84
1.88
1.91
Fall
1.80
1.84
1.87
VLS03 to 0 = 03H
Rise
1.94
1.98
2.02
Fall
1.90
1.94
1.98
VLS03 to 0 = 04H
Rise
2.05
2.09
2.13
Fall
2.00
2.04
2.08
VLS03 to 0 = 05H
Rise
2.45
2.50
2.55
Fall
2.40
2.45
2.50
VLS03 to 0 = 06H
Rise
2.56
2.61
2.66
Fall
2.50
2.55
2.60
VLS03 to 0 = 07H
Rise
2.66
2.71
2.76
Fall
2.60
2.65
2.70
VLS03 to 0 = 08H
Rise
2.76
2.81
2.87
Fall
2.70
2.75
2.81
VLS03 to 0 = 09H
Rise
2.86
2.92
2.97
Fall
2.80
2.86
2.91
VLS03 to 0 = 0AH
Rise
2.96
3.02
3.08
Fall
2.90
2.96
3.02
VLS03 to 0 = 0BH
Rise
4.01
4.09
4.17
Fall
3.90
3.98
4.06
Voltage Level
Supervisor 0
(VLS1)
threshold voltage
VVLS1
VLS13 to 0 = 00H
1.60
1.63
1.66
VLS13 to 0 = 01H
1.70
1.73
1.77
VLS13 to 0 = 02H
1.80
1.84
1.87
VLS13 to 0 = 03H
1.90
1.94
1.98
VLS13 to 0 = 04H
2.00
2.04
2.08
VLS13 to 0 = 05H
2.40
2.45
2.50
VLS13 to 0 = 06H
2.50
2.55
2.60
VLS13 to 0 = 07H
2.60
2.65
2.70
VLS13 to 0 = 08H
2.70
2.75
2.81
VLS13 to 0 = 09H
2.80
2.86
2.91
VLS13 to 0 = 0AH
2.90
2.96
3.02
VLS13 to 0 = 0BH
3.90
3.98
4.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com