Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q136B Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q136B
Description  16-bit micro controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q136B Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q136B Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
FEDL620Q130B-01
ML620Q131B/2B/3B/4B/5B/6B
25/34
AC Characteristics (Oscillation Circuit)
(VDD=1.6 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measur
ing
circuit
Low-speed RC oscillator
frequency
fRCL
Ta= +25
°C
Typ
-1%
32.768k
Typ
+1%
Hz
1
Ta= -40 to 85
°C
Typ
-2.5%
32.768k
Typ
+2.5%
Hz
Ta= -40 to 105
°C
Typ
-3%
32.768k
Typ
+3%
Hz
PLL oscillation frequency*
1
fPLL
Ta= -20 to 85
°C,
VDD = 1.8 to 5.5V
Typ
-1%
32
Typ
+1%
MHz
Ta= -40
°C to +105°C,
VDD = 1.8 to 5.5V
Typ
-1.5%
32
Typ
+1.5%
MHz
Low-speed RC oscillation start
time*
1
TRCL
―
―
―
65
µs
High-speed RC oscillation start
time*
1
TRCH
VDD = 1.8 to 5.5V
―
―
5
µs
High-speed crystal oscillation
start time*
1
TXTH
VDD = 1.8 to 5.5V
―
2
20
ms
PLL oscillation start time
TPLL
VDD = 1.8 to 5.5V
―
―
2
ms
*
1: 4096 clock average. The CPU clock is max. f
PLL/2.
*
2: Use 4MHz Crystal Oscillator NX8045GE (NIHON DEMPA KOGYO CORP.)
AC Characteristics (Power On Reset Sequence)
(VDD=1.6 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measur
ing
circuit
Reset pulse width
PRST
―
100
―
―
µs
1
Reset noise rejection pulse width
PNRST
―
―
―
0.4
Power On Reset rising time
TPOR
―
―
―
10
ms
When using RESET_N pin
PRST: Reset pulse width
When using power on reset
TPOR: Power On Reset VDD Rising Time
VDD
TPOR
1.8V
0V
RESET_N
PRST
VIL1
VIL1
VIL1
PRST
VDD
0.9*VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com