Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2185 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC2185
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2185 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC2185 Datasheet HTML 4Page - Microchip Technology TC2185 Datasheet HTML 5Page - Microchip Technology TC2185 Datasheet HTML 6Page - Microchip Technology TC2185 Datasheet HTML 7Page - Microchip Technology TC2185 Datasheet HTML 8Page - Microchip Technology TC2185 Datasheet HTML 9Page - Microchip Technology TC2185 Datasheet HTML 10Page - Microchip Technology TC2185 Datasheet HTML 11Page - Microchip Technology TC2185 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC2014/2015/2185
DS21662C-page 8
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-25:
PSRR vs. Frequency
(COUT = 10 µF Tantalum).
FIGURE 2-26:
Output Noise vs. Frequency.
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000 100000 100000
0
Frequency (Hz)
VIN = 4.0V
VINAC = 100 mV
VOUTDC = 3.0V
COUT = 10 µF Tantalum
IOUT = 150 mA
CBYPASS = 0.01 µF
CBYPASS = 0 µF
10
100
1k
10k
100k
1M
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000 100000 100000
0
Frequency (Hz)
VIN = 4.0V
VOUTDC = 3.0V
IOUT = 100 µA
CBYPASS = 470 pF
COUT = 10 µF
COUT = 1 µF
10
100
1k
10k
100k
1M
1
0.1
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com