Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2185 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC2185
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2185 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC2185 Datasheet HTML 10Page - Microchip Technology TC2185 Datasheet HTML 11Page - Microchip Technology TC2185 Datasheet HTML 12Page - Microchip Technology TC2185 Datasheet HTML 13Page - Microchip Technology TC2185 Datasheet HTML 14Page - Microchip Technology TC2185 Datasheet HTML 15Page - Microchip Technology TC2185 Datasheet HTML 16Page - Microchip Technology TC2185 Datasheet HTML 17Page - Microchip Technology TC2185 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2003 Microchip Technology Inc.
DS21662C-page15
TC2014/2015/2185
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
-XX
X
Temperature
Output
Voltage
Device
Device:
TC2014:
50 mA LDO with Shutdown and VREF Bypass
TC2015:
100 mA LDO with Shutdown and VREF Bypass
TC2185:
150 mA LDO with Shutdown and VREF Bypass
Output Voltage:
XX = 1.8V
XX = 2.7V
XX = 2.8V
XX = 3.0V
XX = 3.3V
Temperature Range:
V
= -40°C to +125°C
Package:
CTTR = Plastic Small Outline Transistor (SOT-23),
5-lead, Tape and Reel
Examples:
a)
TC2014-1.8VCTTR:5LD SOT-23-A, 1.8V,
Tape and Reel.
b)
TC2014-2.85VCTTR: 5LD SOT-23-A,
2.85V, Tape and Reel.
c)
TC2014-3.3VCTTR: 5LD SOT-23-A, 3.3V,
Tape and Reel.
a)
TC2015-1.8VCTTR: 5LD SOT-23-A, 1.8V,
Tape and Reel.
b)
TC2015-2.85VCTTR: 5LD SOT-23-A,
2.85V, Tape and Reel.
c)
TC2015-3.0VCTTR: 5LD SOT-23-A, 3.0V,
Tape and Reel.
a)
TC2185-1.8VCTTR: 5LD SOT-23-A, 1.8V,
Tape and Reel.
b)
TC2185-2.8VCTTR: 5LD SOT-23-A, 2.8V,
Tape and Reel.
Range
XXXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com