Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4209 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4209
Description  DC Motor Driver for Servo Driver Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4209 Datasheet HTML 3Page - Infineon Technologies AG TLE4209 Datasheet HTML 4Page - Infineon Technologies AG TLE4209 Datasheet HTML 5Page - Infineon Technologies AG TLE4209 Datasheet HTML 6Page - Infineon Technologies AG TLE4209 Datasheet HTML 7Page - Infineon Technologies AG TLE4209 Datasheet HTML 8Page - Infineon Technologies AG TLE4209 Datasheet HTML 9Page - Infineon Technologies AG TLE4209 Datasheet HTML 10Page - Infineon Technologies AG TLE4209 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLE 4209
Overview
Data Sheet
7
2000-09-05
Input-Interface
Input REF
Quiescent voltage
VREFq
–
200
240
mV
IREF = 0 µA
Input resistance
RREF
4.5
6.0
7.5
k
Ω
0 V <
VREF < 0.5 V
Input FB
Quiescent voltage
VFBq
–
200
240
mV
IFB = 0 µA
Input resistance
RFB
4.5
6.0
7.5
k
Ω
0 V <
VFB < 0.5 V
Input/Output HYST
Current Offset
IHYSTIO
250
–2
0.35
3
µA
IREF = IFB =
250
µA
VHYST = VS / 2
IHYSTIO
40
– 1.3
0
1.3
µA
IREF = IFB =
40
µA
VHYST = VS / 2
Current Amplification
AHYST = IHYST / (IREF – IFB)
AHYST
0.8
0.95
1.1
−
– 20
µA < I
HYST
< – 10
µA;
10
µA < I
HYST
< 20
µA;
IREF = 250 µA
VHYST = VS / 2
Current Gain
GHYST = (IHYST - IHYSTIO40)
/ (
IREF – IFB)
GHYST
0.8
0.95
1.1
-
IHYST = +/-2 µA;
IREF = 40 µA;
VHYST = VS / 2
Threshold voltage High
VHYH /
VS
51
52
54
%
–
Deadband voltage High
VDBH /
VS
50
50.4
51
%
–
1.7
Electrical Characteristics (cont’d)
8 V <
VS < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com