Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4209 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4209
Description  DC Motor Driver for Servo Driver Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4209 Datasheet HTML 4Page - Infineon Technologies AG TLE4209 Datasheet HTML 5Page - Infineon Technologies AG TLE4209 Datasheet HTML 6Page - Infineon Technologies AG TLE4209 Datasheet HTML 7Page - Infineon Technologies AG TLE4209 Datasheet HTML 8Page - Infineon Technologies AG TLE4209 Datasheet HTML 9Page - Infineon Technologies AG TLE4209 Datasheet HTML 10Page - Infineon Technologies AG TLE4209 Datasheet HTML 11Page - Infineon Technologies AG TLE4209 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TLE 4209
Overview
Data Sheet
8
2000-09-05
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
TA = 25 °C and
the given supply voltage.
Deadband voltage Low
VDBL /
VS
49
49.6
50
%
–
Threshold voltage Low
VHYL /
VS
46
48
49
%
–
Hysteresis Window
VHYW /
VS
3.0
4.0
5.0
%
(
VHYH – VHYL)/ VS
Deadband Window
VDBW /
VS
0.4
0.8
1.2
%
(
VDBH – VDBL)/ VS
Input RANGE
Input current
IRANGE
– 1
–
1
µA
0 V <
VRANGE
<
VS
Switch-OFF voltage High
VOFFH
– 25
0
100
mV
refer to
VS
Switch-OFF voltage Low
VOFFL
300
400
500
mV
refer to GND
Thermal Shutdown
Thermal shutdown junction
temperature
TjSD
150
175
200
°C
–
Thermal switch-on junction
temperature
TjSO
120
–
170
°C
–
Temperature hysteresis
∆T
–
30
K
–
1.7
Electrical Characteristics (cont’d)
8 V <
VS < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com