Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBB Datasheet(PDF) 1 Page - International Rectifier

Part # 2KBB
Description  1.9A single phase rectifier bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2KBB Datasheet(HTML) 1 Page - International Rectifier

  2KBB Datasheet HTML 1Page - International Rectifier 2KBB Datasheet HTML 2Page - International Rectifier 2KBB Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bulletin E2733 rev. D
2KBB SERIES
1.9A single phase rectifier bridge
A 1.9A single phase diode brodge rectifier assembly consisting of four
silicon junction diodes in a plastic encapsulation, intended for general
applications in industrial and consumer equipment.
Suitable for printed circuit board mounting
Leads on standard 2.54mm (0.1in.) grid
Compact construction
High surge current capability
Polarized package
Equivalent to standard DIN parts
Description/Features
Maximum Ratings and Characteristics
I
O
1.9
A
I
FSM
50Hz
50
A
60Hz
52
A
I2t
50Hz
17.7
A2s
60Hz
16.1
A2s
V
RRM
100 to 1000
V
T
J
- 40 to 150
°C
2KBB..
Units
Part number
DIN code equivalent
2KBB05
B20C1500
2KBB10
B40C1500
2KBB20
B80C1500
2KBB40
B125C1500
2KBB60
B250C1500
2KBB80
B380C1500
2KBB100
B500C1500
2KBB..


Similar Part No. - 2KBB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBB VISHAY-2KBB Datasheet
82Kb / 4P
Single Phase Rectifier Bridge, 1.9 A
17-Jun-08
logo
International Rectifier
2KBB05 IRF-2KBB05 Datasheet
66Kb / 3P
2KBB SERIES 1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB05 VISHAY-2KBB05 Datasheet
82Kb / 4P
Single Phase Rectifier Bridge, 1.9 A
17-Jun-08
2KBB05 VISHAY-2KBB05 Datasheet
92Kb / 5P
Single Phase Rectifier Bridge, 1.9 A
17-Jun-08
logo
International Rectifier
2KBB05R IRF-2KBB05R Datasheet
66Kb / 3P
2KBB SERIES 1.9A single phase rectifier bridge
More results

Similar Description - 2KBB

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
International Rectifier
2KBB05R IRF-2KBB05R Datasheet
66Kb / 3P
2KBB SERIES 1.9A single phase rectifier bridge
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com