Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBB Datasheet(PDF) 2 Page - International Rectifier

Part # 2KBB
Description  1.9A single phase rectifier bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2KBB Datasheet(HTML) 2 Page - International Rectifier

  2KBB Datasheet HTML 1Page - International Rectifier 2KBB Datasheet HTML 2Page - International Rectifier 2KBB Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I
O
Maximum DC output current
1.9
A
T
C = 45°C, Resistive & inductive load
1.5
TC = 45°C, Capacitive load
I
FSM
Maximum peak, one-cycle
50
t = 6ms
non-repetitive surge current,
52
t = 5ms
I
2t
Maximum I
2t for fusing,
12.5
A
2s
t = 10ms
initial T
J
= T
J
max
11.3
t = 8.3ms
17.7
A
2s
t = 10ms
16.1
t = 8.3ms
I
2
√t
Maximum I
2
√t capability
177
A
2
√s
V
RRM
following surge = 0, t = 0.1 to 10 ms
for fusing
I
2t for time t
x = I2√ t .√tx
V
FM
Maximum peak forward voltage
1.1
V
I
O
= 1.9A (3.0 A pk)
per diode
f
Operatingfrequencyrange
40 to 2000
Hz
Electrical Specification
Forward Conduction
V
RRM
, V
RSM
I
RM
, typical peak
Application data (see figure 3)
Part number
max. peak
rev. current per diode
V
RSM
max.
C
max
max.
R
min
min.
rev. voltage
at rated V
RRM
recommended AC
load
source
T
J
= 15°C
T
J
= 150°C
supply voltage
capacitance
resistance
VµA
µA
V
µF
Ω
Reverse voltage ratings and application data
Parameters
2KBB...
Unit
Conditions
Thermal and Mechanical Specifications
T
J
Operating and storage
-40 to 150
oC
Tstg
temperature range
Wt
Approximateweight
4 (0.14)
g (oz)
Parameters
2KBB...
Unit
Conditions
2KBB Series
2KBB05, 2KBB05R
50
10
500
20
7000
0.3
2KBB10, 2KBB10R
100
10
500
40
5000
0.5
2KBB20, 2KBB20R
200
10
500
80
3300
0.8
2KBB40, 2KBB40R
400
10
500
125
1600
1.5
2KBB60, 2KBB60R
600
10
500
250
1200
2.5
2KBB80, 2KBB80R
800
10
500
380
800
3.0
2KBB100, 2KBB100R
1000
10
500
500
600
5.0
Following any rated load
condition,and with rated
V
RRM
applied following surge
RatedV
RRM
appliedfollowing
surge, initial T
J
= 150°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com