Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC00 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC00
Description  Quad 2-input NAND gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC00 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC00 Datasheet HTML 6Page - NXP Semiconductors 74HC00 Datasheet HTML 7Page - NXP Semiconductors 74HC00 Datasheet HTML 8Page - NXP Semiconductors 74HC00 Datasheet HTML 9Page - NXP Semiconductors 74HC00 Datasheet HTML 10Page - NXP Semiconductors 74HC00 Datasheet HTML 11Page - NXP Semiconductors 74HC00 Datasheet HTML 12Page - NXP Semiconductors 74HC00 Datasheet HTML 13Page - NXP Semiconductors 74HC00 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2003 Jun 30
10
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC00; 74HCT00
AC WAVEFORMS
handbook, halfpage
MNA218
tPHL
tTHL
tTLH
tPLH
VM
VM
nA, nB input
nY output
GND
VI
VOH
VOL
Fig.6 Waveforms showing the input (nA, nB) to output (nY) propagation delays.
74HC00: VM = 50%; VI = GND to VCC.
74HCT00: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com