Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5170EVAL Datasheet(PDF) 12 Page - Analog Devices

Part # AD5170EVAL
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170EVAL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5170EVAL Datasheet HTML 8Page - Analog Devices AD5170EVAL Datasheet HTML 9Page - Analog Devices AD5170EVAL Datasheet HTML 10Page - Analog Devices AD5170EVAL Datasheet HTML 11Page - Analog Devices AD5170EVAL Datasheet HTML 12Page - Analog Devices AD5170EVAL Datasheet HTML 13Page - Analog Devices AD5170EVAL Datasheet HTML 14Page - Analog Devices AD5170EVAL Datasheet HTML 15Page - Analog Devices AD5170EVAL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5170
Rev. A | Page 12 of 24
THEORY OF OPERATION
SDA
SCL
A
W
B
FUSES
EN
DAC
REG.
I2C INTERFACE
COMPARATOR
ONE-TIME
PROGRAM/TEST
CONTROL BLOCK
MUX
DECODER
FUSE
REG.
Figure 30. Detailed Functional Block Diagram
The AD5170 is a 256-position, digitally controlled variable
resistor (VR) that employs fuse link technology to achieve
memory retention of resistance setting.
An internal power-on preset places the wiper at midscale
during power-on. If the OTP function has been activated, the
device powers up at the user-defined permanent setting.
ONE-TIME PROGRAMMING (OTP)
Prior to OTP activation, the AD5170 presets to midscale during
initial power-on. After the wiper is set at the desired position,
the resistance can be permanently set by programming the T bit
high along with the proper coding (see Table 7 and Table 8) and
one time VDD_OTP. Note that fuse link technology of the
AD517x family of digital pots requires VDD_OTP between 5.25 V
and 5.5 V to blow the fuses to achieve a given nonvolatile
setting. On the other hand, VDD can be 2.7 V to 5.5 V during
operation. As a result, system supply that is lower than 5.25 V
requires external supply for one-time programming. Note that
the user is allowed only one attempt in blowing the fuses. If the
user fails to blow the fuses at the first attempt, the fuses’
structures may have changed such that they may never be
blown regardless of the energy applied at subsequent events. For
details, see the Power Supply Considerations section.
The device control circuit has two validation bits, E1 and E0,
that can be read back to check the programming status (see
Table 7). Users should always read back the validation bits to
ensure that the fuses are properly blown. After the fuses have
been blown, all fuse latches are enabled upon subsequent
power-on; therefore, the output corresponds to the stored
setting. Figure 30 shows a detailed functional block diagram.
PROGRAMMING THE VARIABLE RESISTOR AND
VOLTAGE
Rheostat Operation
The nominal resistance of the RDAC between Terminal A and
Terminal B is available in 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ.
The nominal resistance (RAB) of the VR has 256 contact points
accessed by the wiper terminal, plus the B terminal contact. The
8-bit data in the RDAC latch is decoded to select one of 256
possible settings.
A
W
B
A
W
B
A
W
B
Figure 31. Rheostat Mode Configuration
Assuming a 10 kΩ part is used, the wiper’s first connection
starts at the B terminal for data 0x00. Because there is a 50 Ω
wiper contact resistance, such a connection yields a minimum
of 100 Ω (2 × 50 Ω) resistance between Terminal W and
Terminal B. The second connection is the first tap point, which
corresponds to 139 Ω (RWB = RAB/256 + 2 × RW = 39 Ω + 2 × 50 Ω)
for data 0x01. The third connection is the next tap point, repre-
senting 178 Ω (2 × 39 Ω + 2 × 50 Ω) for data 0x02, and so on.
Each LSB data value increase moves the wiper up the resistor
ladder until the last tap point is reached at 10,100 Ω (RAB + 2 × RW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com