Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP7B-LS Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BP7B-LS
Description  BP7B ??L-Series IPM Interface Circuit Reference Design
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BP7B-LS Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BP7B-LS Datasheet HTML 1Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 2Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 3Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 4Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 5Page - Powerex Power Semiconductors BP7B-LS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Application
NOTES:
1
www.pwrx.com
BP7B – L-Series IPM Interface Circuit Reference Design
Description: The BP7B is a complete isolated interface circuit for six and seven pack low and medium power L-
Series IPMs. This circuit features the VLA606-01R opto-interface IC for isolation of control signals and isolated
power supplies for the IPM’s built-in gate drive and protection circuits. The isolated interface helps to simplify
prototype development and minimize design time by allowing direct connection of the IPM to logic level control
circuits.
Features:
• Complete three-phase isolated interface circuit with
brake control and fault feedback
• 2500VRMS isolation for control power and signals
• Standard AMP MTA .100” Input Signal and Control
Power Connectors
• Operates from a single 24VDC supply
• Compact Size 4.0” x 2.5” (63mm x 102mm)
Ordering Information: BP7B-LS is a kit containing a bare PCB with one VLA606-01R and four VLA106-24151
DC to DC converters
(For use with L-Series IPMs in package A and B)
BP7B-LB is a kit containing a bare PCB with one VLA606-01R opto-interface IC, three
VLA106-24151 DC to DC converters and one VLA106-24154 DC to DC converter
(For use with L-Series IPMs in package C)
BP7B is a bare PCB only.
Note: User must supply Optocouplers and passive components to fully populate the BP7B (See Table 2)
Applications:
BP7B is designed for use with Powerex L-Series six
and seven pack IPMs: 50A-300A 600V and 25A-
150A 1200V.
Use Powerex VLA106-24151 and VLA106-
24154 DC to DC converters for isolated
control power. See Table 1 for
requirements.


Similar Part No. - BP7B-LS

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP7-12 BB-BATTERY-BP7-12 Datasheet
209Kb / 1P
VRLA Rechargeable Battery
BP7-12-T1 BB-BATTERY-BP7-12-T1 Datasheet
168Kb / 1P
VRLA Rechargeable Battery
BP7-12-T2 BB-BATTERY-BP7-12-T2 Datasheet
168Kb / 1P
VRLA Rechargeable Battery
BP7-12FR BB-BATTERY-BP7-12FR Datasheet
209Kb / 1P
VRLA Rechargeable Battery
BP7-12RT BB-BATTERY-BP7-12RT Datasheet
265Kb / 1P
VRLA Rechargeable Battery
More results

Similar Description - BP7B-LS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77904C IDT-IDT77904C Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card (NIC)
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Isahaya Electronics Cor...
VLA606A-01R ISAHAYA-VLA606A-01R Datasheet
197Kb / 6P
IPM interface module
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com