Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37TDI Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT37TDI Datasheet HTML 2Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 3Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 4Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT37
6
Doc. No. 5005, Rev. R
OPERATION
The CAT37 device is a high efficiency, constant
frequency, current regulating boost driver for white LEDs.
The device includes a switch and an internally
compensated loop for the regulation of the current in the
LEDs.
Operation can be best understood by examining the
block diagram. The FB pin is regulated at 95 mV and the
current through the external resistor will set the regulated
current in the LEDs at:
ILED = 0.095/R1
While maintaining LED current regulation, the CAT37
boost converter automatically adjusts the FB pin voltage
to be as low as possible. A low FB pin voltage ensures
high efficiency.
Current through the internal power switch is continuously
monitored cycle-by-cycle. If the current limit is exceeded,
the switch is immediately turned off, protecting the
device, for the remainder of the cycle.
PWM dimming operation can be achieved by switching
the
SHDN pin or by pulling the FB pin higher than 95mV.
BLOCK DIAGRAM
Figure 2. CAT37 Block Diagram
VIN
1.2 MHz
Clock
PWM
& Logic
D1
L1
VIN
C1
2
FB
Current
Sense
Amp
SW
1
5
CAT37
3
Error
Amp
C2
4
SHDN
GND
0.095V
REF
ILED
R1
+
-
Over Voltage
Protection
(22V)
Note: SOT23 Pin Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com