Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT37TDI Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT37TDI
Description  CMOS White LED Driver Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37TDI Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT37TDI Datasheet HTML 5Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 6Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 7Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 8Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 9Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 10Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 11Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 12Page - Catalyst Semiconductor CAT37TDI Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT37
11
Doc No. 5005, Rev. R
TDFN 3X3 MM PACKAGE (RD4)
85
1
4
3.00 + 0.10
(S)
PIN 1 INDEX AREA
C
0.75 + 0.05
0.0 - 0.05
0.30 + 0.07 (8x)
0.25 min.
0.75 + 0.05
A
B
58
2.30 + 0.10
C0.35
PIN 1 ID
1.95 REF. (2x)
0.65 TYP. (6x)
0.30 + 0.10 (8x)
1
2X
2X
0.15
0.15
C
C
NOTE:
1. ALL DIMENSION ARE IN mm. ANGLES IN DEGREES.
2. COPLANARITY SHALL NOT EXCEED 0.08 mm.
3. WARPAGE SHALL NOT EXCEED 0.10 mm.
4. PACKAGE LENGTH / PACKAGE WIDTH ARE CONSIDERED AS SPECIAL CHARACTERISTIC(S)
5. REFER JEDEC MO-229 / WEEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com