Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8904 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 18Page - Cirrus Logic CS8904 Datasheet HTML 19Page - Cirrus Logic CS8904 Datasheet HTML 20Page - Cirrus Logic CS8904 Datasheet HTML 21Page - Cirrus Logic CS8904 Datasheet HTML 22Page - Cirrus Logic CS8904 Datasheet HTML 23Page - Cirrus Logic CS8904 Datasheet HTML 24Page - Cirrus Logic CS8904 Datasheet HTML 25Page - Cirrus Logic CS8904 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
DS191PP2
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
SWITCHING CHARACTERISTICS - MODE 1 (T
A = 25 °C; VDD = 5 V; Note 4.)
Notes: 4. COLL asserts active-high in Mode 1.
Parameter
Symbol
Min
Max
Unit
Receive Timing - Start of Frame
RX+/RX- active to RxDATA active
tDATA
-1200
ns
RX+/RX- active to CD active
tCD
-
620
ns
Receive data setup from RxCLK
tRDS
35
-
ns
Receive data hold from RxCLK
tRDH
50
-
ns
Receive Timing - End of Frame
RxCLK hold after CD off
tRCH
5
-
bit times
RxDATA throughput delay
tRD
-
250
ns
CD turn off delay
tCDOFF
-
400
ns
Transmit Timing
TxENBL setup from TxCLK
tEHCH
10
-
ns
TxENBL hold after TxCLK
tCHEL
10
-
ns
TxDATA setup from TxCLK
tDSCH
10
-
ns
TxDATA hold after TxCLK
tCHDU
10
-
ns
Transmit startup delay
tSTUD
-
400
ns
Transmit throughput delay
tTPD
-
400
ns
Loopback Timing
LOOP setup from TxENBL
tKHEH
10
-
ns
LOOP hold after TxENBL
tKHEL
10
-
ns
CD startup delay after TxENBL
tCAEA
80
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com