Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8904 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 26Page - Cirrus Logic CS8904 Datasheet HTML 27Page - Cirrus Logic CS8904 Datasheet HTML 28Page - Cirrus Logic CS8904 Datasheet HTML 29Page - Cirrus Logic CS8904 Datasheet HTML 30Page - Cirrus Logic CS8904 Datasheet HTML 31Page - Cirrus Logic CS8904 Datasheet HTML 32Page - Cirrus Logic CS8904 Datasheet HTML 33Page - Cirrus Logic CS8904 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
32
DS191PP2
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
10BASE-T CHARACTERISTICS (Over Recommended Operating Conditions;
Received Jitter tested at ±12.0 ns.)
CRYSTAL OSCILLATOR REQUIREMENTS
Parameter
Symbol
Min
Typ
Max
Unit
Transmit
Tx pair Jitter into 100
Ω Load
tTTX1
--
8
ns
Tx Pair Return to
≤ 50 mV after Last Positive Transition
tTTX2
--
4.5
ns
Tx Pair High Hold Time after Last Positive Transition
tTTX3
250
-
-
ns
Interface
Transmitter Differential Output Voltage
Peak
VOD
2.2
-
2.8
V
Receiver Squelch Level
Peak
VISQ
300
-
525
mV
Link Integrity
First Transmitted Link Pulse after Last Transmitted Packet
tLN1
816
24
ms
Time Between Transmitted Link Pulses
tLN2
816
24
ms
Width of Transmitted Link Pulses
tLN3
60
100
200
ns
Minimum Received Link Pulse Separation
tLN4
2-
7
ms
Maximum Received Link Pulse Separation
tLN5
25
-
150
ms
Last Receive Activity to Link Fail (Link Loss Timer)
tLN6
30
-
150
ms
Parameter
Min
Typ
Max
Unit
Parallel Resonant Frequency
-
20
-
MHz
Resonant Frequency Error
CL = 18 pF
-50
-
+50
ppm
Resonant Frequency Change over Operating Temperature
-40
-
+40
ppm
Crystal Capacitance
-
-
18
pF
Motional Crystal Capacitance
-
0.022
-
pF
Series Resistance
-
-
35
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com