Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2393 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 25Page - STMicroelectronics AN2393 Datasheet HTML 26Page - STMicroelectronics AN2393 Datasheet HTML 27Page - STMicroelectronics AN2393 Datasheet HTML 28Page - STMicroelectronics AN2393 Datasheet HTML 29Page - STMicroelectronics AN2393 Datasheet HTML 30Page - STMicroelectronics AN2393 Datasheet HTML 31Page - STMicroelectronics AN2393 Datasheet HTML 32Page - STMicroelectronics AN2393 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AN2393
Resonant power transformer specification
29/35
Figure 23.
Resonant transformer electrical diagram
Figure 24.
Resonant transformer winding position on coil former
Note:
Manufacturer: DELTA ELECTRONICS - Part number: 86H-5411
Table 10.
Resonant transformer winding characteristics
Pins
Winding
RMS current
Turn number
Wire type [mm]
1 - 3
Primary
1.5 ARMS
36
LITZ - dia. 0.15x20
14 - 13
Sec. A (1)
1.
Secondary windings A and B must be wound in parallel
6.7 ARMS
4
LITZ - dia. 0.20x30
13 - 12
Sec. B (1)
6.7 ARMS
4
LITZ - dia. 0.20x30
11 - 10
Sec. C (2)
2.
Aux winding is wound on top of primary winding
5.6 ARMS
2
LITZ - dia. 0.20x30
9 - 8
Sec. D (2)
5.6 ARMS
2
LITZ - dia. 0.20x30
1
3
PRIM.
SEC. B
12
13
14
SEC. A
SEC. D
10
9
11
SEC. C
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com