Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2393 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 26Page - STMicroelectronics AN2393 Datasheet HTML 27Page - STMicroelectronics AN2393 Datasheet HTML 28Page - STMicroelectronics AN2393 Datasheet HTML 29Page - STMicroelectronics AN2393 Datasheet HTML 30Page - STMicroelectronics AN2393 Datasheet HTML 31Page - STMicroelectronics AN2393 Datasheet HTML 32Page - STMicroelectronics AN2393 Datasheet HTML 33Page - STMicroelectronics AN2393 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Auxiliary flyback power transformer
AN2393
30/35
8
Auxiliary flyback power transformer
●
Application type: Consumer, home appliance
●
Transformer type: Open
●
Winding type: Layer
●
Coil former: Horizontal type, 4+5 pins
●
Maximum temperature rise: 45° C
●
Maximum operating ambient temperature: 60° C
●
Mains insulation: Complies with EN60065 specifications
8.1
Electrical characteristics
●
Converter topology: Flyback, DCM/CCM mode
●
Core type: E20-N67 or equivalent
●
Operating frequency: 60 kHz
●
Primary inductance: 4.20 mH
±10% @1 kHz - 0.25 V (see Note 1)
●
Leakage inductance: 50 µH MAX @100 kHz - 0.25 V (see Note 2)
●
Maximum peak primary current: 0.38 Apk
●
RMS primary current: 0.2 ARMS
Note:
1
Measured between Pins 4 and 5
2
Measured between Pins 4 and 5 with all secondary windings shorted
Figure 25.
Auxiliary transformer electrical diagram
6
7
5
4
+5V
Primary
8
10
2
1
+3.3V
Auxliary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com