Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2521 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AN2521
Functional check
15/33
output load level. This pin is intended to drive the base of a PNP transistor in systems
including a PFC pre-regulator, to stop the PFC controller at light load by cutting its supply.
Pin #14 (PFC_STOP), while normally low, opens if the voltage on the COMP pin is lower
than 2.2 V, and returns low when the voltage on the COMP pin exceeds 2.7 V. Whenever the
IC is shut down, either latched (DIS > 2.2 V, ISEN > 1.5 V) or not latched (UVLO, SKIPADJ <
0.8), the pin is open as well. In Figure 19, the VCC value is also given, showing that the IC is
powered with a good margin with respect to the L6668 turn-off threshold (9.4 V), avoiding
any spurious turn-off possibilities that could affect the output voltage stability.
In Table 3, the power consumption from the mains during no-load operation is shown. As
can be observed, thanks to the L6668 standby functionality the input power constantly
remains well below 300 mW. Therefore, all mandatory or voluntary regulations currently
applicable or that will become effective in the near future can be respected using this
chipset.
In Figure 20 and Figure 21, the transitions from full load to no-load and vice-versa at
maximum input voltage have been checked. The maximum input voltage has been chosen
for the above illustrations because it is the most critical input voltage for transition. In fact, at
no-load, the burst pulses have a lower repetition frequency and the VCC could drop, causing
restart cycles of the controller. Additionally, there is a wider range variation for the input
Table 3.
Input power at no-load vs. mains voltage
Vin [Vrms]
Input power [W]
90
0.126
115
0.146 (1)
1.
Compliant to CEC, EU-COC, Energy Star
230
0.268 (1)
265
0.282
Figure 20.
EVAL6668-75 W transition full load-
to-no load at 265 V, 50 Hz
Figure 21.
EVAL6668-75 W transition no load-
to-full load at 265 V, 50 Hz
CH1: Q2 drain voltage
CH2: L6668 SOFT START - pin #11
CH3: output voltage
CH4: L6668 VCC (pin #5)
CH1: Q2 drain voltage
CH2: L6668 SOFT START - pin #11
CH3: output voltage
CH4: L6668 VCC (pin #5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com