Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2521 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics AN2521 Datasheet HTML 29Page - STMicroelectronics AN2521 Datasheet HTML 30Page - STMicroelectronics AN2521 Datasheet HTML 31Page - STMicroelectronics AN2521 Datasheet HTML 32Page - STMicroelectronics AN2521 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN2521
PFC coil specification
29/33
7.4
Mechanical aspect and pin numbering
Maximum height from PCB: 20 mm
COIL former type: vertical, 5+3 pins
PINS #1, 2, 4, 7 have been removed
External copper shield: Not insulated, wound around the ferrite core and including the
coil former. Height is 7 mm. Connected to pin #3 by a solid wire.
Figure 32.
Mechanical aspect and pin numbering of PFC coil
A: 27.0 max mm
B1: 3.0 ± 0.3 mm
B2: 5.0 ± 0.3 mm
C: 3.3 ± 0.3 mm
D: 19.0 max mm
E: 21.0 ± 0.5 mm
F: 23.7 ± 0.5 mm
25CQ-TXX
TDK
6
5
15
1
5
6
8
15
6
8
A
D
C
F E
B1 B1 B1 B1
B2
B2
x8
1. External COPPER sheet (0.025x7 mm)
2. MYLAR tape - 1 turn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com