Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL6470 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVAL6470
Description  Fully integrated microstepping motor driver using the L6470
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6470 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVAL6470 Datasheet HTML 3Page - STMicroelectronics EVAL6470 Datasheet HTML 4Page - STMicroelectronics EVAL6470 Datasheet HTML 5Page - STMicroelectronics EVAL6470 Datasheet HTML 6Page - STMicroelectronics EVAL6470 Datasheet HTML 7Page - STMicroelectronics EVAL6470 Datasheet HTML 8Page - STMicroelectronics EVAL6470 Datasheet HTML 9Page - STMicroelectronics EVAL6470 Datasheet HTML 10Page - STMicroelectronics EVAL6470 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EVAL6470
Board description
Doc ID 018622 Rev 1
7/11
Table 5.
EVAL6470: component list
Part reference
Part value
Part description
C1
100 nF
50 V ceramic capacitor
C2
10 nF
63 V ceramic capacitor
C3, C8
100 nF
Ceramic capacitor
C4
100 µF
63 V electrolytic capacitor
C5
220 nF
16 V ceramic capacitor
C6, C7
NM
Ceramic capacitor
C9, C10
100 pF
Ceramic capacitor
C11
1 nF
Ceramic capacitor
C12
3.3 nF
Ceramic capacitor
C13
10 nF
Ceramic capacitor
C14
10 µF
6.3 V ceramic capacitor
C15
47 µF
6.3 V ceramic capacitor
D1
BAT46SW
Low drop diode couple
D2
BZX284C3V6
3.6 V Zener diode
JP2, JP3
Jumper 2 x 1
JP5
Jumper 2 x 1
JP4
Jumper 3 x 1
JP7
Jumper 3 x 1
J2, J3, J4
Connector
J5
NM
Strip pin
J10
Vertical 5 x 2 male connector
J11
Vertical 5 x 2 male connector
R1
31.6 k
Ω
Resistor 1%
R2
8.2 k
Ω
Resistor 1%
R5, R6, R7
39 k
Ω
Resistor 1%
R9
10 k
Ω
Resistor 1%
R3
200 k
Ω
Trimmer
R8
100
Ω
Resistor 1%
R10
0
Ω
Resistor 1/8 W
TP5
Test point
TP4, TP6
Test point
U1
L6470H
L6470 dSPIN
Y1
NM
Crystal
Y2
NM
Ceramic resonator
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com