Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL6470 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6470
Description  Fully integrated microstepping motor driver using the L6470
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6470 Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6470 Datasheet HTML 1Page - STMicroelectronics EVAL6470 Datasheet HTML 2Page - STMicroelectronics EVAL6470 Datasheet HTML 3Page - STMicroelectronics EVAL6470 Datasheet HTML 4Page - STMicroelectronics EVAL6470 Datasheet HTML 5Page - STMicroelectronics EVAL6470 Datasheet HTML 6Page - STMicroelectronics EVAL6470 Datasheet HTML 7Page - STMicroelectronics EVAL6470 Datasheet HTML 8Page - STMicroelectronics EVAL6470 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
March 2011
Doc ID 018622 Rev 1
1/11
11
EVAL6470
Fully integrated microstepping motor driver using the L6470
Features
■ Voltage range from 8 V to 45 V
■ Phase current up to 3 Ar.m.s.
■ SPI with daisy-chain feature
■ Socket for external resonator or crystal
■ SW input
■ Thermal resistance junction-to-ambient of 40
°C/W (typical)
■ Suitable to be used in combination with
STEVAL-PCC009V2
Description
The EVAL6470 demonstration board is a fully
integrated microstepping motor driver. In
combination with the STEVAL-PCC009V2
communication board and the dSPIN Evaluation
Software, the board allows the engineer to
investigate all the features of the L6470 device.
In particular, the board can be used to check the
voltage mode driving and to regulate the L6470
parameters in order to fit the application
requirements.
Two or more EVAL6470 can be driven by a single
communication board making the demonstration
board suitable for the evaluation of L6470 in multi-
motor applications.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - EVAL6470

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
More results

Similar Description - EVAL6470

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Apr-2004
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
DMOS Microstepping PWM Motor Driver
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
L6472 STMICROELECTRONICS-L6472 Datasheet
1Mb / 69P
dSPIN fully integrated microstepping motor driver
24-Jan-2012
L6474 STMICROELECTRONICS-L6474 Datasheet
741Kb / 51P
easySPIN ??fully integrated microstepping motor driver
22-Dec-2011
EVAL6482H STMICROELECTRONICS-EVAL6482H Datasheet
522Kb / 12P
High power microstepping motor driver with the L6482H
30-Oct-2012
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
How to drive multiple stepper motors with the L6470 motor driver
08-Jan-2014
AN4241 STMICROELECTRONICS-AN4241 Datasheet
286Kb / 18P
The L6470 and L6472 are fully integrated motor drivers providing
25-Jan-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com