Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIF0405 Datasheet(PDF) 7 Page - TEMEX

Part # CIF0405
Description  Digital pulse compression module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF0405 Datasheet(HTML) 7 Page - TEMEX

  CIF0405 Datasheet HTML 1Page - TEMEX CIF0405 Datasheet HTML 2Page - TEMEX CIF0405 Datasheet HTML 3Page - TEMEX CIF0405 Datasheet HTML 4Page - TEMEX CIF0405 Datasheet HTML 5Page - TEMEX CIF0405 Datasheet HTML 6Page - TEMEX CIF0405 Datasheet HTML 7Page - TEMEX CIF0405 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital pulse compression module
CI F04 / CI F05 Compressor
Oct 16
th, 2015
CI F04 / CI F05 Compressor Revision A4
7 / 8
www.rakon.com
Mechanical features
5
Mechanical features
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
5.1
Unit outline without connectors
175 x 152 x 27.1
mm
3
5.2
Unit weight
< 0.6
kg
5.3
Material
AG4.5MC
5.4
Treatment
Ni15 / Zn1
5.5
Screws
A4-70 stainless steel
Fig. 4 : Mechanical drawing (connectors position TBC)
Reliability
6
Reliability information
Line
Parameter
Test Condition
Value
Unit
6.1
Estimated mean time between failure
FIDES 2004, 30°C ambient
> 250 000
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com