| Electronic Components Datasheet Search |
|
CIF0405 Datasheet(PDF) 2 Page - TEMEX |
|
|
|||||||||||||||||||||||||||||
CIF0405 Datasheet(HTML) 2 Page - TEMEX |
|
2 / 8 page ![]() Digital pulse compression module CI F04 / CI F05 Compressor Oct 16 th, 2015 CI F04 / CI F05 Compressor Revision A4 2 / 8 www.rakon.com Technical description CI F04 compressor functional block diagram is featured on Fig. 1 while CI F05 block diagram is featured on Fig. 2. Fig. 1 : CI F04 compressor functional block diagram Fig. 2 : CI F05 compressor functional block diagram Input chirps are filtered (anti-aliasing filter), sampled and down-converted to baseband. I and Q baseband data are processed by FIR filters whose coefficients are matched with the expander chirp characteristics. Digital baseband I/Q compressed pulse is then up-converted to carrier frequency and converted into analog signal. As inputs and outputs are IF analog signals, CI F0x are well suited to upgrade SAW based pulse compression Radars. For better compatibility with old SAW based subsystems, an adjustable additional delay may be inserted. CI F05 unit is able to process on-the-fly 2 independent and concurrent channels. Fig. 3 gives the maximum chirp duration value vs. bandwidth achievable for each channel. Consider for B the maximum bandwidth value of the 2 waveforms, and for T the maximum time duration value of the 2 waveforms. The internal low noise system clock is self-sufficient, and does not need to be referenced on any external clock. CI F0x unit is provided with FPGA firmware loaded. Functions, and channels specifications (time dispersion, compressed pulse width, side lobes level…) should be provided by customer; Rakon-Temex will customize the FPGA program to fulfill customer requirements. For each channel, waveform is selected among 2 possible waveforms, using WFMSel_x inputs, as presented in Table 1 and Table 2. Each time WFMSel_x signal changes, the new set of waveform coefficients will be active 50 µs later. CI F0x unit continuously monitors internal power supply and FPGA program integrity. If voltage exceeds nominal levels, or if FPGA program is corrupted, BITE output is deasserted, and LED is turned off. The BITE output indicates the GO-NOGO state of the compressor. To Ba seBa nd FIR Filter Power Control Connect JTA G Program FPGA FPGA To F0 Sy stem Clock Superv ision BIT E BO ARD_OK IN_ A OUT_A Power S upply Wa veform selection WF MS el_A ADC DA C ADC To Bas eBand FIR Filter To F0 DAC To Bas eBand FIR Filter Power Control OUT_B Connect JTAG Program FPGA FPGA To F0 Sys tem Clock Supervis ion BITE BOARD_OK IN_A IN_B OUT_A Power Supply Waveform selection WFMSel_A WFMSel_B ADC DAC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |