Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1P6
Description  QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1P6 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1P6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1P6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ESDA6V1P6
®
January 2003 - Ed: 2
QUAD TRANSIL™ ARRAY
FOR ESD PROTECTION
SOT-666
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
s
Computers
s
Printers
s
Communication systems and cellular phones
s
Video equipment
This device is particularly adpated to the protection
of symmetrical signals.
MAIN APPLICATIONS
Application Specific Discretes
A.S.D.
1
3
2
6
5
4
FUNCTIONAL DIAGRAM
s
4 UNIDIRECTIONAL TRANSIL™ FUNCTIONS.
s
BREAKDOWN VOLTAGE VBR = 6.1V MIN
s
LOW LEAKAGE CURRENT < 500 nA
s
VERY SMALL PCB AREA < 2.6 mm
2
FEATURES
The ESDA6V1P6 is a monolithic array designed to
protect up to 4 lines against ESD transients.
This device is ideal for applications where board
space saving is required.
DESCRIPTION
s
High ESD protection level.
s
High integration.
s
Suitable for high density boards.
BENEFITS
s
IEC61000-4-2 level 4: 15 kV (air discharge)
8 kV (contact discharge)
s
MIL STD 883E-Method 3015-7: class 3
25kV HBM (Human Body Model)
COMPLIES WITH THE FOLLOWING STANDARDS :


Similar Part No. - ESDA6V1P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results

Similar Description - ESDA6V1P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXSC5 STMICROELECTRONICS-ESDAXXSC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com