Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTOUTC1007 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # UTOUTC1007
Description  Thin-Film Cascadable Amplifier 5 to 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1007 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  UTOUTC1007 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Automatic Network Analyzer Measurements
FREQUENCY
VSWR
GAIN
PHASE
PHASE
GROUP DELAY
VSWR
ISOLATION
MHz
IN
dB
DEGREES
DEV
ns
OUT
dB
Numerical Readings
Bias = 5.00 Volts
100.0
1.46
13.90
166.73
–.31
.00
1.28
19.39
200.0
1.31
13.66
152.58
–1.11
.37
1.27
18.15
300.0
1.32
13.82
139.76
–.58
.36
1.25
18.36
400.0
1.25
13.61
126.72
–.29
.35
1.24
18.59
500.0
1.20
13.65
114.26
.58
.34
1.19
18.31
600.0
1.14
13.72
102.22
1.89
.35
1.16
18.19
700.0
1.06
13.66
88.96
1.96
.38
1.15
18.14
800.0
1.09
13.45
74.69
1.06
.41
1.11
18.03
900.0
1.16
13.42
59.41
–.88
.42
1.06
17.90
1000.0
1.26
13.48
44.64
–2.31
.41
1.04
17.83
1200.0
1.60
13.32
12.61
—
.47
1.18
17.85
1400.0
2.57
13.00
–23.11
—
.53
1.47
18.20
1600.0
6.10
11.17
–64.48
—
.60
2.03
19.81
1800.0
25.80
8.00
–104.89
—
.48
2.53
21.54
2000.0
88.94
4.10
–135.14
—
.00
3.14
22.93
(Typical production unit @ +25
°C ambient)
LINEARIZATION RANGE: 100.0 to 1000.0 MHz
S-Parameters
S21
100.00
.170
170.2
13.870
168.9
–18.380
–2.1
.117
158.2
200.00
.147
155.0
13.762
156.3
–18.454
–7.1
.116
132.7
300.00
.123
142.9
13.754
144.5
–19.224
–11.2
.112
111.2
400.00
.094
127.4
13.756
132.7
–18.194
–16.0
.108
87.8
500.00
.069
110.5
13.821
121.6
–18.042
–20.6
.106
66.8
600.00
.048
72.1
13.822
110.7
–17.984
–25.4
.101
43.1
700.00
.045
25.1
13.657
98.6
–17.959
–30.2
.090
17.4
800.00
.064
–10.0
13.486
84.9
–18.041
–35.4
.072
–11.4
900.00
.091
–28.5
13.458
70.9
–17.926
–41.1
.054
–48.2
1000.00
.124
–36.4
13.431
57.3
–18.029
–47.0
.037
–106.5
1100.00
.161
–43.2
13.368
42.3
–17.932
–54.3
.057
176.1
1200.00
.210
–48.1
13.250
26.5
–17.836
–61.7
.113
135.4
1300.00
.275
–52.1
12.931
9.2
–18.122
–69.7
.180
102.3
1400.00
.357
–58.2
12.369
–10.1
–18.616
–80.6
.261
73.4
1500.00
.455
–66.9
11.215
–29.9
–19.290
–90.4
.343
45.9
1600.00
.556
–76.7
9.380
–49.3
–20.354
–100.1
.404
20.4
1700.00
.630
–87.8
7.117
–66.8
–21.351
–106.9
.436
–3.0
1800.00
.679
–98.1
5.462
–78.1
–22.819
–107.9
.454
–24.0
1900.00
.714
–107.6
3.348
–88.5
–23.328
–112.1
.458
–41.5
2000.00
.741
–116.1
1.435
–97.7
–24.279
–115.2
.452
–57.6
Bias = 5.00 Volts
FREQUENCY
MHz
Mag
Ang
dB
Ang
dB
Ang
Mag
Ang
S11
S22
S12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com