Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTOUTC1007 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTOUTC1007
Description  Thin-Film Cascadable Amplifier 5 to 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1007 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTOUTC1007 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thin-Film Cascadable Amplifier
5 to 1000 MHz
Technical Data
Features
• Frequency Range: 5 to
1000 MHz
• High Output Power:
+12.0 dBm (Typ)
• 5-Volt Supply
• Surface Mount Option
Applications
• IF/RF Amplification
• 5-Volt Systems
• Surface Mount Assembly
Description
The 1007 Series is a 5-volt
wideband thinfilm bipolar RF
amplifier that can be used where
voltage or power requirements are
important. Output choke coupling,
resistive feedback and active bias
combine to provide a low noise,
medium gain amplifier. Blocking
capacitors couple the RF through
the amplifier. The 1007 Series
amplifiers are available in three
packages: the surface mount
hermetic PP-38 (.375 in. x .375 in.)
case, the TO-8 hermetic case and
the connectorized TC-1A case.
UTO/UTC 1007 Series
Pin Configuration
UTO—TO-8T
GROUND
CASE GROUND
V +
RFOUT
RFIN
UTC—TC-1A
RF
V +
IN
RFOUT
Schematic
Maximum Ratings
Parameter
Maximum
DC Voltage
+10 Volts
Continuous RF Input Power
+13 dBm
Operating Case Temperature
–55 to +125°C
Storage Temperature
–62 to +150°C
“R” Series Burn-In Temperature
+125°C
RF
OUT
RF
IN
V+
Thermal Characteristics1
θJC
105°C/W
Active Transistor Power Dissipation
110 mW
Junction Temperature Above Case Temperature
11.4°C
MTBF (MIL-HDBK-217E, A
UF @ 90°C)
1,645,000 Hrs.
Weight: (typical) UTO—2.1 grams; UTC—21.5 grams


Similar Part No. - UTOUTC1007

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1001 TELEDYNE-UTOUTC1001 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1005 TELEDYNE-UTOUTC1005 Datasheet
194Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1006 TELEDYNE-UTOUTC1006 Datasheet
174Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results

Similar Description - UTOUTC1007

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1001 TELEDYNE-UTOUTC1001 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1005 TELEDYNE-UTOUTC1005 Datasheet
194Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1006 TELEDYNE-UTOUTC1006 Datasheet
174Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1021 TELEDYNE-UTOUTC1021 Datasheet
185Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1052 TELEDYNE-UTOUTC1052 Datasheet
184Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1054 TELEDYNE-UTOUTC1054 Datasheet
186Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1058 TELEDYNE-UTOUTC1058 Datasheet
140Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com