Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C90 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C90
Description  4-Bit Decade, Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C90 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C90 Datasheet HTML 1Page - National Semiconductor (TI) MM54C90 Datasheet HTML 2Page - National Semiconductor (TI) MM54C90 Datasheet HTML 3Page - National Semiconductor (TI) MM54C90 Datasheet HTML 4Page - National Semiconductor (TI) MM54C90 Datasheet HTML 5Page - National Semiconductor (TI) MM54C90 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay Time
VCC e 5V
500
1050
ns
from AIN to QC (MM54C93MM74C93)
VCC e 10
200
400
ns
tpd0 tpd1
Propagation Delay Time from
VCC e 5V
500
1000
ns
AIN to QC (MM54C93MM74C93)
VCC e 10V
200
400
ns
tpd0 tpd1
Propagation Delay Time from
VCC e 5V
600
1200
ns
AIN to QD (MM54C93MM74C93)
VCC e 10V
250
500
ns
tpd0 tpd1
Propagation Delay Time from
VCC e 5V
450
800
ns
AIN to QD (MM54C90MM74C90)
VCC e 10V
160
300
ns
tpd0 tpd1
Propagation Delay Time from
VCC e 5V
150
300
ns
R01 or R02 to QA QB QC or QD
VCC e 10V
75
150
ns
(MM54C93MM74C93)
tpd0 tpd1
Propagation Delay Time from
VCC e 5V
200
400
ns
R01 or R02 to QA QB QC or QD
VCC e 10V
75
150
ns
(MM54C90MM74C90)
tpd0 tpd1
Propagation Delay Time from
VCC e 5V
250
500
ns
R91 or R92 to QA or QD
VCC e 10V
100
200
ns
(MM54C90MM74C90)
tPW
Min R01 or R02 Pulse Width
VCC e 5V
600
250
ns
(MM54C93MM74C93)
VCC e 10V
30
125
ns
tPW
Min R01 or R02 Pulse Width
VCC e 5V
600
250
ns
(MM54C90MM74C90)
VCC e 10V
300
125
ns
tPW
Min R91 or R92 Pulse Width
VCC e 5V
500
200
ns
(MM54C90MM74C90)
VCC e 10V
250
100
ns
tr tf
Maximum Clock Rise
VCC e 10V
15
m
s
and Fall Time
VCC e 10V
5
m
s
tW
Minimum Clock Pulse Width
VCC e 5V
250
100
ns
VCC e 10V
100
50
ns
fMAX
Maximum Clock Frequency
VCC e 5V
2
MHz
VCC e 10V
5
MHz
CIN
Input Capacitance
Any Input (Note 2)
5
pF
CPD
Power Dissipation Capacitance
Per Package (Note 3)
45
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load ac power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
AC Test Circuits
MM54C90MM74C90
TLF5889 – 5
Clock rise and fall time tr e tf e 20 ns
MM54C93MM74C93
TLF5889 – 6
Clock rise and fall time tr e tf e 20 ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com