Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C90 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C90
Description  4-Bit Decade, Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C90 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54C90 Datasheet HTML 1Page - National Semiconductor (TI) MM54C90 Datasheet HTML 2Page - National Semiconductor (TI) MM54C90 Datasheet HTML 3Page - National Semiconductor (TI) MM54C90 Datasheet HTML 4Page - National Semiconductor (TI) MM54C90 Datasheet HTML 5Page - National Semiconductor (TI) MM54C90 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Switching Time Waveforms
TLF5889 – 7
Note 1
MM54C90 MM74C90 and MM54C93
MM74C93 are solid line waveforms Dashed line
waveforms are for MM54C90MM74C90 only
Truth Table
MM54C90MM74C90 4-Bit Decade Counter
BCD Count Sequence
Count
Output
QD
QC
QB
QA
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
Output QA is connected to Input B for
BCD count
H e High Level
L e Low Level
X e Irrelevant
ResetCount Function Table
Reset Inputs
Output
R01 R02 R91 R92 QD QC QB QA
HH
L
X
L
L
L
L
HH
X
L
L
L
L
L
XX
H
H
H
L
L
H
X
L
X
L
Count
L
X
L
X
Count
L
X
X
L
Count
X
L
L
X
Count
MM54C93MM74C93 4-Bit Binary Counter
Binary Count Sequence
Count
Output
QD
QC
QB
QA
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
10
H
L
H
L
11
H
L
H
H
12
H
H
L
L
13
H
H
L
H
14
H
H
H
L
15
H
H
H
H
Output QA is connected to input B for
binary count sequence
H e High Level
L e Low Level
X e Irrelevant
ResetCount Function Table
Reset
Output
Inputs
R01
R02
QD
QC
QB
QA
HH
L
L
L
L
L
X
Count
X
L
Count
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com