Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDS001V4M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IDS001V4M
Description  868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDS001V4M Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IDS001V4M Datasheet HTML 1Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 2Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 3Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 4Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 5Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Schematic diagrams
STEVAL-IDS001V4M
2/6
DocID028059 Rev 1
1
Schematic diagrams
Figure 1: STEVAL-IDS001V4M part 1
Figure 2: STEVAL-IDS001V4M part 2
USB & EEPROM
DM
DP
DP
USB_DM
USB_DP
DM
SPI2_CLK
SPI2_MOSI
SPI2_MISO
EEPROM_CS
USB_5V
GND
GND
GND
D_VDD
USB_5V
GND
R10
100k
SMD 0402
J2
USBA Male
Digikey
W M17118 -ND
Molex
048037 -1000
1
2
3
4
5
6
C10
100nF
16V
SMD 0402
C11
100nF
16V
SMD 0402
U3
M95640 -RMC6TG
/S
1
Q
2
/W
3
D
5
C
6
/HOL D
7
U2
USBLC6-2P6
D1
1
GN D
2
D2
3
D3
4
D4
6
VBU S
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com