Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IDS001V4M Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-IDS001V4M
Description  868 MHz RF USB dongle based on the SPIRIT1 SPSGRF-868 module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDS001V4M Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-IDS001V4M Datasheet HTML 1Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 2Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 3Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 4Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 5Page - STMicroelectronics STEVAL-IDS001V4M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Schematic diagrams
STEVAL-IDS001V4M
4/6
DocID028059 Rev 1
Figure 4: STEVAL-IDS001V4M part 4
Figure 5: STEVAL-IDS001V4M part 5
Power Mgmt stage
STmit e flat
(DO2 22-AA )
Powe r
Not Mounted
Not Mounted
Not Mounted
UART2_RX
UART2_TX
GND
VDD
A_VDD
GND
VDD
RF_MODULE_VDD
VDD
GND
GND
GND
GND
USB_5V
GND
VDD
USB_5V
D_VDD
GND
VDD
C16
1uF
10V
SMD 0402
C15
10nF 50V
SMD 0402
J3
UART_STRIP
1
2
3
4
L1
0.6 Ohm 300 mA
SMD 0402
1
2
C17
33nF
25V
SMD 0402
U6
SMM4F50A
L3
0.6 Ohm 300 mA
SMD 0402
1
2
R12 0
SMD 0402
1
2
R13 0
SMD 0402
1
2
D3
BAT30F3
C14
10nF
50V
SMD 0402
L2
0.6 Ohm 300 mA
SMD 0402
1
2
U5
LDS3985PU33R
DFN6D exposed pad
VIN
1
NC
2
VOUT
3
BYPASS
4
GND
5
VINH
6
C13
2.2uF 6.3V
SMD 0402
C12
10nF
50V
SMD 0402
RF_Module
Not Mounted
STEVAL _Differentiation
STEVAL- IDB0 06V 1M
STEVAL -IDS001V5 M
STEVAL- IDS0 01V 4M
C18, C20 No t Mounted
Not Mounted
SPxx_GPIO0
VIN_SPxx
SPxx_GPIO1
SPxx_GPIO2
SPxx_GPIO3
VIN_SPxx
SPI2_MISO
SPI_CS
SPI2_MOSI
RESETN_SDN
SPI2_CLK
SPxx_GPIO0
SPxx_GPIO1
SPxx_GPIO2
SPxx_GPIO3
SPxx_GPIO0
SPxx_GPIO1
SPxx_GPIO2
SPxx_GPIO3
SPxx_GPIO0
IRQ0_SPxx
IRQ1_SPxx
IRQ2_SPxx
IRQ3_SPxx
IRQ3_SPxx
GND
RF_MODULE_VDD
GND
GND
GND
GND
GND
GND
GND
C20 100nF
16V
SMc0402
1
2
J5
SPxx_GPIO_STRIP
1
2
3
4
ANT.
U4
SPSGRF-868
EXT_LPCLK/GPIO_3
1
NC/GPIO_2
2
NC/GPIO_1
3
SPI_IRQ/GPIO_0
4
VIN
5
SPI_CLK
7
SPI_MISO
8
SPI_MOSI
9
SPI_CS
10
RESETN/SDN
11
R15 0
SMD 0402
1
2
J4
POWER_STRIP
C18 100nF
16V
SMc0402
1
2
U7
Resistor_Array 0Ohm
I/O_1A
1
I/O_2A
3
I/O_3A
5
I/O_4A
7
I/O_4B
8
I/O_3B
6
I/O_2B
4
I/O_1B
2
R14 0
SMD 0402
1
2
C19 100nF
16V
SMc0402
1
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com