Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICROPAC Datasheet(PDF) 2 Page - Vicor Corporation

Part # MICROPAC
Description  AC-DC Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MICROPAC Datasheet(HTML) 2 Page - Vicor Corporation

  MICROPAC Datasheet HTML 1Page - Vicor Corporation MICROPAC Datasheet HTML 2Page - Vicor Corporation MICROPAC Datasheet HTML 3Page - Vicor Corporation MICROPAC Datasheet HTML 4Page - Vicor Corporation MICROPAC Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MicroPAC
Rev 1.2
vicorpower.com
Page 2 of 5
9/2013
800 735.6200
Input
Input Voltage
85 – 264 Vac
DC Rating: 120 Vdc – 300 Vdc
(¼” x 1¼”) Cooper Bussmann,
(5 x 20 mm) Littelfuse,
ABC-15,
216 series,
External Fuse
rated 15 A
rated 16 A
Littelfuse,
(¼” x 1¼”) Littelfuse,
505 series,
505 series,
rated 16 A / 500 Vac
rated 16 A / 500 Vdc
Frequency
47 ~ 400 Hz
Inrush Current
30 A Peak
Efficiency
≥92% @ Full load @ 25°C
≥91% @ Full load @ 25°C
ambient 48 V output
ambient 12 V output
Power factor (115-230 Vrms)
.99 / .96 typ. Meets EN61000-3-2
Turn-on time
Ac-on: 1 sec typ. 1.5 sec maximum
EN55022 Class B Information technology equipment — Radio
Conducted EMI
disturbances characteristics — Limits and methods of measurement
BS EN55022:1998; CISPR 22:1997, incorporating corrigendum
Harmonic distortion
Meets IEC 61000-3-2
Isolation
Meets IEC 60950
Leakage current
< 3.5 mA @ 264 Vac @ 63 Hz
Hold up time
20 mS typical
Warranty
2 Years
Output
Number of outputs
1 to 4
Normal output voltages
12 V, 14 V, 24 V, 28 V, 36 V and 48 V (contact factory for details)
Maximum output current
100 A @ 12 V
85.71A @ 14 V
[27 A @ 48 V]
Auxiliary output
5 V @ 0.5 A 50 mV p-p
Voltage regulation
12 V +/- 3%
14 V +/- 3% typ.
48 V +/- 2%
Ripple and noise
12 V output (150 mV ~ 300 mV p-p) typ.
48 V output (600 mV - 900 mV) typ.
(20 MHz bandwidth) (full load)
14 V output (150 mV ~ 300 mV p-p) typ.
Current sharing accuracy
5 to 10%
Short circuit protection
“Fold-Back” Technique
Over voltage protection
12 V output set point 12.5 V typical
48 V modules 50 V typical
Thermal protection
All outputs disabled when internal temperature exceeds safe operating
Maximum load
12 V up to 1200 W
14 V up to 1200 W
Maximum load
48 V up to 1300 W
Maximum load
5.0 V Aux up to 2.5 W
Maximum load capacitance
1000 µF per 12 V output
1000 µF per 14 V output
100 µF per 48 V output
Specifications
End of Life - Not Recommended for New Designs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com