Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICROPAC Datasheet(PDF) 3 Page - Vicor Corporation

Part # MICROPAC
Description  AC-DC Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MICROPAC Datasheet(HTML) 3 Page - Vicor Corporation

  MICROPAC Datasheet HTML 1Page - Vicor Corporation MICROPAC Datasheet HTML 2Page - Vicor Corporation MICROPAC Datasheet HTML 3Page - Vicor Corporation MICROPAC Datasheet HTML 4Page - Vicor Corporation MICROPAC Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MicroPAC
Rev 1.2
vicorpower.com
Page 3 of 5
9/2013
800 735.6200
Environmental
Storage temperature
-40°C ~ +85°C
Operating temperature
-20°C ~ +55°C (Extended temperature range is available; -40°C to +55°C) (-40°C to 65°C 50% load)
-20°C ~ +65°C @ 50% load
Functional shock
MIL-STD 810F Method 516.5 procedure 1,
terminal peak saw-tooth wave, 40G 11 mS
Vibration
Mil-STD 810G for minimum integrity vibration
Humidity
95% non condensing
Cooling
Fan cooled (field replaceable) temperature speed control
Electromagnetic Compatibility
EN61000-6-1n European General EMC Immunity
IEC 61000-4-11 [50 Hz]
Voltage Dips 30% for 0.5 prd, pc C Voltage Interrupts (pc C)
IEC 61000-4-4 [TRANSIENT]
EFT / Burst ± 1 kV AC leads ± 500 V DC leads.
5 / 50 nsec 5 kHz rep rate (pc B)
IEC 61000-4-5 [SURGE]
Power line Surge AC in ± 2 kV CM ± 1 kV DM DC in
± 500 V CM & DM 1.2 /
μSec(pcB)
EN 61000-4-6 [0.15 to 80 MHz]
RF Common Mode Input leads, AC & DC leads,
CDN 150 kHz to 80 MHz, 3 Vrms with 80% AM @1 kHz (pa A)
EN 61000-4-2 [ELECTROSTATIC]
Electrostatic Discharge ± 4 kV Contact ± 8 kV Discharge (pc B)
EN 61000-4-3
RF E-Field 80 MHz to 1 GHz 3 V/m with 80% AM @ 1 kHz (pc A)
EN 61000-4-8
Power Freq H-Field 3A / M @ 50 Hz (pa A)
Reliability
FIT
3,449 FITS, 50% duty cycle at 25°C ambient; 45% RH +/- 10%, 90% total ouput load;
any specified input voltage; sea level operation
Service life
5 Years
Safety & Regulatory
UL / cUL (recognized)
UL 60950-1:2007 CAN C22.2 No. 60950-1-07
EN
EN 60950-1/A12:2011
IEC
60950-1-2005 2 Ed. +A1:2009
Specifications cont.
Please see User Guide for more information.
End of Life - Not Recommended for New Designs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com