Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA028V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA028V1
Description  Customizable output voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA028V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA028V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA028V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA028V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA028V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
December 2007
Rev 2
1/4
4
STEVAL-ISA028V1
Single phase 20 A step-down converter evaluation board
based on the L6727
Features
BOM optimized for 12 V input / 1.25 V output @
20 A
High flexibility to host wide range designs
Customizable output voltage
L6726A / L6727 compatibility
Controller input voltage (VCC) range from 5 V to
12 V
Conversion input voltage (VIN) up to 13.2 V
DPAK / SO-8 / PowerSO-8 / PowerFLAT
MOSFET compatibility
Multi-footprint for input and output capacitors
Through-hole / SMD inductor compatibility
4-layer PCB
Description
This evaluation board demonstrates the key
features of STMicroelectronics’ L6727, a new
powerful new buck controller. The L6727 makes
the design of complete step-down voltage
regulators simple and cost effective. It provides a
full solution by integrating a 0.8 V reference,
control logic and protection, and NMOS drivers in
an 8-pin package. The L6727 evaluation board
implements a step-down DC/DC converter in a
four-layer PCB and demonstrates the operation of
the device in a general-purpose application. The
input voltage can range from 5 V to 12 V and the
output voltage is fixed at 1.25 V. The application
can deliver an output current up to 20 A. Airflow
must be applied with current higher than 18 A
(@VIN = 5 V). The switching frequency is 300 kHz.
STEVAL-ISA028V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-ISA028V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
More results

Similar Description - STEVAL-ISA028V1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A ATMEL-AT91CAP9S500A Datasheet
888Kb / 52P
Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
1Mb / 51P
Customizable Microcontroller
AT91CAP9SC500A ATMEL-AT91CAP9SC500A Datasheet
1Mb / 60P
Customizable Microcontroller Processor
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
Customizable Microcontroller
AT91CAP7L200A ATMEL-AT91CAP7L200A Datasheet
1Mb / 47P
Customizable Microcontroller
AT91CAP9S500A ATMEL-AT91CAP9S500A_1 Datasheet
17Mb / 1137P
Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A_1 Datasheet
10Mb / 517P
Customizable Microcontroller
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
Quad Output Universal Customizable PMIC with PFM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com