Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA111V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-ISA111V1
Description  Wide-range single-output demonstration board based on the VIPER26HN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA111V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-ISA111V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STEVAL-ISA111V1
Measurements
Doc ID 023970 Rev 1
5/9
3
Measurements
Figure 2.
Line regulation
Figure 3.
Load regulation
AM13366v1
11.7
11.8
11.9
12
12.1
80
105
130155
180
205
230
255
VIN [VAC]
0
25%
50%
75%
100%
AM13367v1
11.7
11.8
11.9
12
12.1
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
Iout[A]
90
115
230
265
Figure 4.
Efficiency vs. VIN
Figure 5.
Efficiency vs. load
60
65
70
75
80
85
90
95
100
80
110
140
170
200
230
260
25%
50%
75%
100%
VIN [VAC]
AM13374v1
AM13377v1
70
72
74
76
78
80
82
84
86
88
0.2
0.4
0.6
0.8
1
90
115
230
265
Iout[A]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com