Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA111V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA111V1
Description  Wide-range single-output demonstration board based on the VIPER26HN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA111V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA111V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For further information contact your local STMicroelectronics sales office.
December 2012
Doc ID 023970 Rev 1
1/9
9
STEVAL-ISA111V1
Wide-range single-output demonstration board based on the
VIPER26HN
Data brief
Features
■ Universal input mains range:
– input voltage 90 - 264 V
AC
– frequency 45 - 65 Hz
■ Single-output voltage: 12 V at 1 A continuous
operation
■ Standby mains consumption: < 30 mW at
230 VAC
■ Average efficiency: > 80%
■ Fully protected against faults (overload,
feedback disconnection and overheating)
■ EMI: according to EN55022-Class-B
■ RoHS compliant
Description
The STEVAL-ISA111V1 demonstration board is a
12 V, 1 A power supply set in non-isolated flyback
topology using the VIPER26HN, the new offline
high voltage converter by STMicroelectronics.
The features include an 800 V avalanche rugged
power section, PWM operation at 115 kHz with
frequency jittering for lower EMI, current limiting
with adjustable set point, onboard soft-start, a
safe auto-restart after a fault condition and a low
standby power. The protections include thermal
shutdown with hysteresis, delayed overload
protection, and open loop failure protection.
STEVAL-ISA111V1
www.st.com


Similar Part No. - STEVAL-ISA111V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
More results

Similar Description - STEVAL-ISA111V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-MKI072V1 STMICROELECTRONICS-STEVAL-MKI072V1 Datasheet
119Kb / 4P
MEMS demonstration board based on the LY3100ALH analog output single-axis gyroscope
17-Nov-2010
STEVAL-MKI073V1 STMICROELECTRONICS-STEVAL-MKI073V1 Datasheet
118Kb / 4P
MEMS demonstration board based on the LY3200ALH analog output single-axis gyroscope
17-Aug-2010
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
Wide range single-output demonstration board based on the VIPER37LE
16-May-2012
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com