Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA112V1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEVAL-ISA112V1
Description  Complying with EuP Lot 6 requirements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA112V1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEVAL-ISA112V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 12Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 13Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Thermal performances
STEVAL-ISA112V1
10/14
Doc ID 024120 Rev 1
5
Thermal performances
A thermal analysis of the board has been performed using an IR camera for 85 VAC, 115
VAC, 230 VAC and 265 VAC mains input, full load condition, both with and without the self
supply function. The results are shown in the following figures. When the self-supply
function is used the VIPER06 temperature is higher, due to the power dissipated by the HV-
startup generator.
Figure 15.
Thermal map at VIN = 85 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC supplied from the output
(J1 selected)
Figure 16.
Thermal map at VIN = 85 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC self supplied (J1 not selected)
AM11638v1
AM11639v1
Figure 17.
Thermal map at VIN = 115 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC supplied from the output
(J1 selected)
Figure 18.
Thermal map at VIN = 115 VAC,
Iout = 350 mA, TAMB = 25 ° C:
IC self supplied (J1 not selected)
AM11640v1
AM11641v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com