Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA112V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-ISA112V1
Description  Complying with EuP Lot 6 requirements
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA112V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA112V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA112V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STEVAL-ISA112V1
Adapter features
Doc ID 024120 Rev 1
3/14
1
Adapter features
The electrical specifications of the demonstration board are listed in
Table 1.
Table 1.
STEVAL-ISA112V1 electrical specifications
Parameter
Symbol
Value
Input voltage range
VIN
90 VAC - 265 VAC
Output voltage
VOUT
12 V
Max. output current
IOUT
0.35 A
Precision of output regulation
Δ
VOUT_LF
± 5%
High frequency output voltage ripple
Δ
VOUT_HF
50 mV
Max. ambient operating temperature
TAMB
60 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com