Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA121V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-ISA121V1
Description  Complies with EuP Lot 6 requirements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA121V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-ISA121V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Output characteristics
STEVAL-ISA121V1
4/6
Doc ID 024066 Rev 1
Figure 4.
Efficiency
02
46
8
10
12
14
16
72
73
74
75
76
77
78
79
EPA 2.0 limit
115Vac
230Vac
average @115Vac
average @230Vac
Output power [W]
AM11344v1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com