Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA121V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA121V1
Description  Complies with EuP Lot 6 requirements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA121V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA121V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA121V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
January 2013
Doc ID 024066 Rev 1
1/6
6
STEVAL-ISA121V1
Wide range single-output demonstration board
based on the VIPER37LE
Data brief
Features
■ Universal input mains range:
– input voltage 90 - 264 VAC
– frequency 45 - 65 Hz
■ Single-output voltage: 5 V @ 3 A continuous
operation
■ Standby mains consumption:
< 30 mW @ 230 VAC
■ Average efficiency: > 75%
■ Complies with EuP Lot 6 requirements
■ Fully protected against faults overload,
overvoltage, transformer saturation and
overheating
■ Compliant with EMC norm EN55022-Class-B
■ RoHS compilant
Description
The STEVAL-ISA121V1 demonstration board
implements a 15 W single-output wide range
mains power supply to be used as an auxiliary
adapter in applications such as LCD, plasma or
LED TVs, desktop computers, etc., when the
main power supply is OFF or in standby mode
and the auxiliary power supply must provide
energy only to some specific parts of the
equipment such as USB ports, remote receiver,
etc.
The board uses the new VIPER37LE, an offline
high voltage converter from the VIPerPlus family,
specifically designed for fixed frequency flyback
converters, which combines a high-performance
low voltage PWM controller chip and a max. 4.5
Ω
RDS(on), 800 V BV(DSS), avalanche-rugged power
MOSFET in the same package.
The application is optimized for less than 30 mW
standby consumption and meets EPA 2.0 limits,
thereby helping to meet the most stringent
energy-saving requirements.
The board implements several protection features
that considerably increase end-product safety
and reliability: overload protection, overvoltage
protection, brownout protection, hysteretic
thermal protection, shorted secondary rectifier
detection, and transformer saturation protection,
all of which are in auto-restart mode.
STEVAL-ISA121V1
www.st.com


Similar Part No. - STEVAL-ISA121V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
10-Dec-2013
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
More results

Similar Description - STEVAL-ISA121V1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-180KB-4 DELTA-DPS-180KB-4 Datasheet
298Kb / 1P
Complies with TFX12V
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
Complies with SFX 12V V2.1
logo
List of Unclassifed Man...
MB970 ETC2-MB970 Datasheet
856Kb / 1P
iSMART - for EuP/ErP power saving
logo
ERNI Electronics
354108 ERNI-354108 Datasheet
82Kb / 1P
FEDERLEISTE M 42-6 LOT
354112 ERNI-354112 Datasheet
81Kb / 1P
FEDERLEISTE M 42-6 LOT
354226 ERNI-354226 Datasheet
81Kb / 1P
FEDERLEISTE M 28-6 LOT
logo
NXP Semiconductors
74HC08D-T PHILIPS-74HC08D-T Datasheet
150Kb / 16P
Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
STMicroelectronics
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA138V1 STMICROELECTRONICS-STEVAL-ISA138V1 Datasheet
115Kb / 4P
Light load efficiency: in accordance with ErP Lot 6 Tier2 requirements
15-Nov-2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com