Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA126V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA126V1
Description  5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA126V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA126V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA126V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA126V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA126V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ISA126V1
5 V-2 A, 115 kHz flyback with temporary extra-power
management based on the VIPER28HN
Data brief
Features
•
Input Voltage range: 90 VRMS to 265 VRMS
•
Output Voltage: 5 V
•
Max Output Current: IOUTmax 2 A
•
Peak Output Current: IOUTpk 3 A
•
Precision of output regulation: ΔV
OUT_LF ±5%
•
High Frequency output Voltage ripple:
ΔV
OUT_HF 50 mV
•
Max ambient operating temperature: TA 60
ºC
•
800 V avalanche rugged power section
•
PWM operation , at 115 kHz with frequency
jittering for lower EMI
•
Limiting current with adjustable set point
•
On-board soft-start
•
Safe auto-restart after a fault condition, low
stand-by power (< 50 mW at 265 Vac)
•
Adjustable and accurate over voltage
protection, thermal shutdown with
hysteresis, delayed overload protection
•
RoHS compliant
Description
This document describes a 5 V-2 A application
with 3.3 A peak current capability for 1.9 sec,
using VIPer28H, a new off-line high voltage
converter from STMicroelectronics.
In some applications an SMPS, normally
supposed to deliver a certain amount of power,
from time to time undergoes load peaks that can
be even two or more times as much, but only for
a time interval which is short if compared to the
thermal time constants of the power components.
Typical examples of such loads are printers and
audio systems.
In these cases, it is more cost-effective to
thermally design the system for the maximum
continuous power and not for the peak power
demand, which will be sustained only for a limited
time window.
Such a design is possible thanks to the EPT
function of VIPER28H, which allows the designer
to fix the maximum time window during which the
converter is able to manage the peak power still
maintaining output voltage regulation. If the
overload lasts more than this time window, the
converter is automatically shut down in auto-
restart mode, in order to avoid the damaging of
the power components.
December 2013
DocID025423 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-ISA126V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
More results

Similar Description - STEVAL-ISA126V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM027V1 STMICROELECTRONICS-STEVAL-IHM027V1 Datasheet
447Kb / 5P
Power board with MC connector based on the STGIPS10K60A 10 A, 600 V intelligent power module
21-Feb-2012
STEVAL-ISA038V1 STMICROELECTRONICS-STEVAL-ISA038V1 Datasheet
149Kb / 4P
Single phase 5 A step-down based on PWM controller evaluation board based on the Power Good L6728
10-Mar-2008
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-PSQ001V1 STMICROELECTRONICS-STEVAL-PSQ001V1 Datasheet
207Kb / 4P
Power management for CPU, FPGA and memory based on the PM6680A
February 2008 Rev 1
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com