Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA132V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA132V1
Description  300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA132V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA132V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA132V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA132V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA132V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 2015
DocID026808 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA132V1
300 W peak power (170 W continuous power) LLC resonant
converter based on L6699, STB13N60M2 and STPS20H100CG
Data brief
Features
Input mains range: 190 to 264 VAC -
frequency 50 Hz
Output voltage: 24 V 5%
No-load consumption: < 0.6 W
Efficiency @ 230 VAC > 92%
EMI: within EN55022 Class-B limits
conducted pre-compliance
Safety: meets EN60950-1
Dimensions: 90 x 90 mm, 50 mm component
maximum height
Safe startup procedure to avoid hard
switching
Hard switching prevention in overload
condition and low load condition
Burst mode in low load condition with
smooth restart to prevent audible noise
Evaluation board can deliver more than 300
W peak power for a limited time by a thermal
protection NTC positioned near output
diodes
Continuous power at 30 °C ambient
temperature:170 W
The power MOSFETs and diodes are both in
D²PAK packages
RoHS compliant
Description
The STEVAL-ISA132V1 evaluation board
implements a converter capable of delivering 170
W of continuous power (VIN = 190 VAC to 264
VAC, VOUT = 24 V) and more than 300 W peak
power for a limited time. The architecture of the
board is based on a single-stage LLC resonant
converter without PFC using the new L6699
resonant controller. The L6699 integrates some
very innovative functions such as self-adjusting
adaptive dead-time, anti-capacitive mode
protection and proprietary “safe-start” procedure
preventing hard switching at startup. High
efficiency at full load (> 92%) and no load (< 0.6
W) is obtained thanks to the STB13N60M2 (600
V, 0.35 W typ., 11 A) MDmesh M2 power
MOSFET in the half-bridge, and the
STPS20H100CG (VRRM = 100 V, IF(AV) = 2 x 10
A) Schottky diode for secondary rectification.


Similar Part No. - STEVAL-ISA132V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA133V1 STMICROELECTRONICS-STEVAL-ISA133V1 Datasheet
260Kb / 4P
Double output SMPS for power line applications using the ALTAIR04-900 primary controller
16-Apr-2013
More results

Similar Description - STEVAL-ISA132V1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
STMicroelectronics
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
STMicroelectronics
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
logo
Guangdong Youtai Semico...
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD24VS2UT UMW-PESD24VS2UT Datasheet
555Kb / 4P
300 W peak pulse power (tp = 8/20μs)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com