Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA190V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA190V1
Description  38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA190V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA190V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
May 2016
DocID029293 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA190V1
38 V, 1.5 A synchronous step-down switching regulator
evaluation board based on A6986F
Data brief
Features
AECQ100 qualification
1.5 A DC output current
4 V to 38 V operating input voltage
Low consumption mode or low noise mode
Programmable ISKIP current
30 µA IQ at light load (LCM VIN = 12 V and
VOUT = 3.3 V)
8 μA IQ-SHTDWN
Adjustable fSW (250 kHz - 2 MHz)
Output voltage adjustable from 0.85 V to VIN
Embedded output voltage supervisor
Synchronization
Adjustable soft-start time
Internal current limiting
Overvoltage protection
Output voltage sequencing
Peak current mode architecture
RDS(on)HS
= 180 mΩ; RDS(on)LS = 150 mΩ
Thermal shutdown
RoHS compliant
Description
The STEVAL-ISA190V1 is a product evaluation
board based on ST's synchronous step-down
switching regulator A6986F.
The device is capable of delivering up to 1.5 A
and its 100% duty cycle capability to withstand
the cold crank event along with its wide input
operating voltage range make A6986F the ideal
choice for battery powered automotive systems.
Synchronous rectification improves efficiency at
full load as well as application compactness,
while high-frequency switching (programmable
up to 2 MHz) lowers power passive costs and
size while remaining outside of the AM band.
The device can operate in low consumption
mode (LCM) with quiescent current as low as 30
µA at VIN = 12 V and VOUT = 3.3 V, hence
assuring high efficiency at light loads, as required
in typical car body applications that remain active
while the car is parked. A low noise mode (LNM)
can alternatively be selected to meet the forced
PWM mode requirement under all loading
conditions for infotainment applications.
The default evaluation board settings are 6 V
output voltage configured in LCM, 500 kHz
switching frequency, high level ISKIP current and
the switchover feature disabled. These
configurations can easily be changed by the user
to evaluate different application scenarios.


Similar Part No. - STEVAL-ISA190V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA192V1 STMICROELECTRONICS-STEVAL-ISA192V1 Datasheet
256Kb / 5P
7 W dual output flyback converter with standby managed by capacitive touch using VIPer0P and STM32L
16-Feb-2017
STEVAL-ISA193V1 STMICROELECTRONICS-STEVAL-ISA193V1 Datasheet
270Kb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
02-Aug-2016
STEVAL-ISA193V2 STMICROELECTRONICS-STEVAL-ISA193V2 Datasheet
4Mb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
12-Nov-2018
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
More results

Similar Description - STEVAL-ISA190V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA185V1 STMICROELECTRONICS-STEVAL-ISA185V1 Datasheet
233Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F3V3
21-Jan-2016
STEVAL-ISA186V1 STMICROELECTRONICS-STEVAL-ISA186V1 Datasheet
234Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F5V
26-Jan-2016
STEVAL-ISA187V1 STMICROELECTRONICS-STEVAL-ISA187V1 Datasheet
232Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F
27-Jan-2016
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
02-Feb-2016
STEVAL-ISA189V1 STMICROELECTRONICS-STEVAL-ISA189V1 Datasheet
231Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
02-Feb-2016
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com