Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA190V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-ISA190V1
Description  38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA190V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA190V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA190V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STEVAL-ISA190V1
Schematic diagram
DocID029293 Rev 1
3/5
Table 1: BOM details
Reference
Description
Part number
Manufacturer
C1, C9, C10
10 µF 50 V X5R 10%
CGA5L3X5R1H106K
TDK
C2
1 µF 100 V X7S 10%
C2012X7S2A105K
TDK
C3
470 nF 10 V X7R 10%
C4
2.2 pF 10 V X7R 10%
C5
68 nF 10 V X7R 10%
C6
10 nF 10 V X7R 10%
C7, C11, C13, C13A
NOT MOUNTED
C8
120 pF 10 V X7R 10%
C14, C15, C16
4.7 µF 50 V X5R 10%
CGA5L3X5R1H475K
TDK
L1
10 µH
XAL5050-103MEC
Coilcraft
L2
4.7 µH
XAL4030-472MEC
Coilcraft
L3
EMC BEAD
MPZ2012S221A
TDK
R2, R3, R5, R9, R10
NOT MOUNTED
R1, R4, R7
0R
R6
1 Meg 1%
R8
100k 1%
R11
10R 1%
J1
SS/INH control
OPEN
J5
ISKIP set to High Level
OPEN
J2
Switchover Disabled
CLOSED
J3
OPEN
J4
OPEN
U1
A6986F
STMicroelectronics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com