Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1ARJZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4622-1ARJZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4622-1ARJZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 30Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 31Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 32Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 33Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 30 of 34
PEAK DETECTOR
A peak detector captures the peak value of a signal and
produces an output equal to it. By taking advantage of the dc
precision and super low input bias current of the JFET input
amplifiers, such as the ADA4622-1/ADA4622-2, a highly
accurate peak detector can be built, as shown in Figure 98.
ADA4622-1/
ADA4622-2
ADA4622-1/
ADA4622-2
VCC
VCC
VIN
+
VEE
VEE
U1
3
2
4
8
1
5
6
4
8
7
C4
50pF
C3
1µF
R6
1kΩ
R7
10kΩ
D2
1N448
D3
1N4148
+PEAK
D4
1N4148
U2
Figure 98. Positive Peak Detector
In this application, D3 and D4 act as unidirectional current
switches that open when the output is kept constant in hold mode.
To detect a positive peak, U2A drives C3 through D3 and drives
D4 until C3 is charged to a voltage equal to the input peak value.
Feedback from the output of the U2B (positive peak) through
R6 limits the output voltage of U2A. After detecting the peak,
the output of U2A swings low but is clamped by D2. D3 reverses
bias and the common node of D3, D4, and R7 is held to a voltage
equal to positive peak by R7. The voltage across D4 is 0 V;
therefore, the leakage is small. The bias current of U2B is also
small. With almost no leakage, C3 has a long hold time.
The ADA4622-1/ADA4622-2, shown in Figure 98, are a perfect
fit for building a peak detector because U1 requires dc precision
and high output current during fast peaks, and U2 requires low
input bias current (IB) to minimize capacitance discharge between
peaks. A low leakage and low dielectric absorption capacitor, such
as polystyrene or polypropylene, is required for C3. Reversing the
diode directions causes the circuit to detect negative peaks.
MULTIPLEXING INPUTS
By using the ADA4622-1 DISABLE input, it is possible to
multiplex two inputs to a single output by using the circuit shown
in Figure 99. If the gain configuration or filter configuration of
the two amplifiers is different, and a common single input to
both amplifiers is used, this configuration can control selectable
gain or selectable frequency response at the output.
V+
V
+
ADA4622-1
ADA4622-1
V–
U1
3
2
4
7
6
8
VOUT
V
V
+
V–
U2
3
2
4
7
6
8
DISABLE
Figure 99. Multiplexed Input Circuit
Figure 100 shows the output response when multiplexing two
input signals. The input to the first amplifier is a 4 V p-p,
200 kHz sine wave; the input to the second amplifier is an
8 V p-p, 100 kHz sine wave.
OUTPUT
VLOGIC
TIME
Figure 100. Multiplexed Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com