Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4622-1ARJZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4622-1ARJZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARJZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4622-1ARJZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 30Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 31Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 32Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 33Page - Analog Devices ADA4622-1ARJZ-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 31 of 34
FULL WAVE RECTIFIER
Figure 101 shows the circuit of a full-wave rectifier using two
ADA4622-1 op amps in single-supply operation. The circuit is
composed of a voltage follower (U1) and a second stage amplifier
(U2) that combine the output of the first stage amplifier and the
inverted version of the input signal. U1 follows the input during
the positive half cycle and clamps the negative going input
signal to ground giving a half wave signal at VHW. The following
equation defines the circuit transfer function:
VFW = (1+ R3/R2)VHW − (R3/R2) × VIN
where:
VFW is the full wave output from U1.
R3 and R2 are the feedback resistors shown in Figure 101.
VHW is half wave output from U1.
VIN is the input voltage.
2V p-p
1kHz
R1
30kΩ
VFW
U1
U2
VCC
5V
VCC
5V
GND
GND
GND
R2
50kΩ
R3
50kΩ
Figure 101. Full Wave Rectifier Circuit
During the input positive half cycle, U1 follows the input so that
VHW = VIN; therefore, VFW = VIN. During the negative half cycle,
U1 clamps the signal to ground so that VHW = 0 V; therefore,
VFW = −(R3/R2) × VIN = −VIN because R3/R2 = 1. Figure 102
shows the input and outputs waveforms from the circuit. The
input is 2 V p-p, 1 kHz sine wave while the circuit is running on
a 5 V single supply.
INPUT
HALF
WAVE
FULL
WAVE
TIME
Figure 102. Full Wave and Half Wave Rectifier Input and Output Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com