Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4051 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4051
Description  SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4051 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4051 Datasheet HTML 1Page - STMicroelectronics M74HC4051 Datasheet HTML 2Page - STMicroelectronics M74HC4051 Datasheet HTML 3Page - STMicroelectronics M74HC4051 Datasheet HTML 4Page - STMicroelectronics M74HC4051 Datasheet HTML 5Page - STMicroelectronics M74HC4051 Datasheet HTML 6Page - STMicroelectronics M74HC4051 Datasheet HTML 7Page - STMicroelectronics M74HC4051 Datasheet HTML 8Page - STMicroelectronics M74HC4051 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
LOGIC LEVEL TRANSLATION TO ENABLE
5V LOGIC SIGNAL TO COMMUNICATE
WITH
±5V ANALOG SIGNAL
s
LOW "ON" RESISTANCE:
70
Ω TYP. (V
CC - VEE = 4.5V)
50
Ω TYP. (V
CC - VEE = 9V)
s
WIDE ANALOG INPUT VOLTAGE RANGE:
±6V
s
FAST SWITCHING:
tpd = 15ns (TYP.) at TA = 25 °C
s
LOW CROSSTALK BETWEEN SWITCHES
s
HIGH ON/OFF OUTPUT VOLTAGE RATIO
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE (VCC - VEE) = 2V TO 12V
s
LOW SINE WAVE DISTORTION:
0.02% at VCC - VEE = 9V
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4051
DESCRIPTION
The M74HC4051 is a single eight-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology and it is pin
to pin compatible with the equivalent metal gate
CMOS4000B series.
It contains 8 bidirectional and digitally controlled
analog switches.
A built-in level shifting is included to allow an input
range up to
±6V (peak) for an analog signal with
digital control signal of 0 to 6V.
VEE supply pin is provided for analog input
signals. It has an inhibit (INH) input terminal to
disable all the switches when is at high level. For
operation as a digital multiplexer/demultiplexer,
VEE is connected to GND.
A, B and C control inputs select one channel out of
eight.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4051
SINGLE 8-CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4051B1R
SOP
M74HC4051M1R
M74HC4051RM13TR
TSSOP
M74HC4051TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
M74HC4051B1R STMICROELECTRONICS-M74HC4051B1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4051C1R STMICROELECTRONICS-M74HC4051C1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M74HC4051F1R STMICROELECTRONICS-M74HC4051F1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
More results

Similar Description - M74HC4051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
STMicroelectronics
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com