Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4051 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4051
Description  SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4051 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4051 Datasheet HTML 1Page - STMicroelectronics M74HC4051 Datasheet HTML 2Page - STMicroelectronics M74HC4051 Datasheet HTML 3Page - STMicroelectronics M74HC4051 Datasheet HTML 4Page - STMicroelectronics M74HC4051 Datasheet HTML 5Page - STMicroelectronics M74HC4051 Datasheet HTML 6Page - STMicroelectronics M74HC4051 Datasheet HTML 7Page - STMicroelectronics M74HC4051 Datasheet HTML 8Page - STMicroelectronics M74HC4051 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M74HC4051
5/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ.
Max.
Min. Max.
Min.
Max.
Φ
I/O
Phase Difference
Between Input and
Output
2.0
GND
25
60
75
90
ns
4.5
GND
6
12
15
18
6.0
GND
5
10
13
15
4.5
-4.5
4
tPZL
tPZH
Output Enable
Time
2.0
GND
RL = 1KΩ
64
225
280
340
ns
4.5
GND
18
45
56
68
6.0
GND
15
38
48
58
4.5
-4.5
18
tPLZ
tPHZ
Output Disable
Time
2.0
GND
RL = 1KΩ
100
250
315
375
ns
4.5
GND
33
50
63
70
6.0
GND
28
43
54
64
4.5
-4.5
29
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min.
Typ.
Max.
Min. Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CI/O
Common Terminal
Capacitance
5.0
-5.0
36
70
70
70
pF
CI/O
Switch Terminal
Capacitance
5.0
-5.0
7
15
15
15
pF
CIOS
Feed Through
Capacitance
5.0
-5.0
0.95
2
2
2
pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
GND
70
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com