Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3GD20H Datasheet(PDF) 41 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 37Page - STMicroelectronics L3GD20H Datasheet HTML 38Page - STMicroelectronics L3GD20H Datasheet HTML 39Page - STMicroelectronics L3GD20H Datasheet HTML 40Page - STMicroelectronics L3GD20H Datasheet HTML 41Page - STMicroelectronics L3GD20H Datasheet HTML 42Page - STMicroelectronics L3GD20H Datasheet HTML 43Page - STMicroelectronics L3GD20H Datasheet HTML 44Page - STMicroelectronics L3GD20H Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
DocID023469 Rev 2
41/52
L3GD20H
Register description
Figure 23. IG_Sel and Out_Sel configuration block diagram
7.7
REFERENCE (25h)
7.8
OUT_TEMP (26h)
ADC
LPF1
HPF
0
1
HPen
LPF2
10
11
01
00
Out_Sel <1:0>
DataReg
FIFO
32x16x3
00
11
10
01
Interrupt
generator
INT1_Sel <1:0>
AM08592V1
Table 33. REFERENCE register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0
Table 34. REFERENCE register description
Ref 7-Ref0
Digital high pass filter reference value. Default value: 0
Table 35. OUT_TEMP register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 36. OUT_TEMP register description
Temp7-Temp0
Temperature data (-1LSB/deg with 8 bit resolution). The value is expressed
as two’s complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com