Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3GD20H Datasheet(PDF) 45 Page - STMicroelectronics

Part # L3GD20H
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 41Page - STMicroelectronics L3GD20H Datasheet HTML 42Page - STMicroelectronics L3GD20H Datasheet HTML 43Page - STMicroelectronics L3GD20H Datasheet HTML 44Page - STMicroelectronics L3GD20H Datasheet HTML 45Page - STMicroelectronics L3GD20H Datasheet HTML 46Page - STMicroelectronics L3GD20H Datasheet HTML 47Page - STMicroelectronics L3GD20H Datasheet HTML 48Page - STMicroelectronics L3GD20H Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DocID023469 Rev 2
45/52
L3GD20H
Register description
Interrupt source register. Read only register.
Reading at this address clears IG_SRC IA bit (and eventually the interrupt signal on INT1
pin) and allows the refresh of data in the IG_SRC register if the latched option was chosen.
7.17
IG_THS_XH (32h)
7.18
IG_THS_XL (33h)
7.19
IG_THS_YH (34h)
XH
X high. Default value: 0 (0: no interrupt, 1: X High event has occurred)
XL
X low. Default value: 0 (0: no interrupt, 1: X Low event has occurred)
Table 47. IG_SRC description
Table 48. IG_THS_XH register
DCRM
THSX14
THSX13
THSX12
THSX11
THSX10
THSX9
THSX8
Table 49. IG_THS_XH description
DCRM
Interrupt generation counter mode selection. Default value: 0
0 = Reset
1 = Decrement
THSX14 - THSX8
Interrupt threshold on X axis. Default value: 000 0000
Table 50. IG_THS_XL register
THSX7
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
Table 51. IG_THS_XL description
THSX7 - THSX0
Interrupt threshold on X axis. Default value: 0000 0000
Table 52. IG_THS_YH register
-
THSY14
THSY13
THSY12
THSY11
THSY10
THSY9
THSY8
Table 53. IG_THS_YH description
THSY14 - THSY8
Interrupt threshold on Y axis. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com